Part Number Hot Search : 
1N6311 LBS14 NCV33 NTE99 SMAJ11CA BF1101WR GS1012 H1P141X
Product Description
Full Text Search
 

To Download LAM-1025-R15J-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Axial Molded Inductor
Dimensions
(LAM-1025 Series)
6.35 0.25 (B)
C A L IB E R
E L E C T R O N IC S IN C . specifications subject to change * revision 3-2003
0.50 0.05 dia
2.41 0.2 (A)
64.0 2.0
(Not to scale)
Dimensions in mm
Part Numbering Guide
LAM - 1025 - R10 K - T
Dimensions
A, B, (inch conversion)
Packaging Style
B=Bulk T=Tape & Reel F=Flat Pack
Inductance Code
Tolerance
J=5%, K=10%, M=20%
Features
Inductance Range Tolerance Operating Temperature Construction Core Material (0.10 H to 1.00 H) Core Material (1.20 H to 1000 H) Dielectric Strength 0.1 H to 1000 H 5%, 10%, 20% -20C to +80C Unshielded Molded Epoxy Phenolic Ferrite 1000 Volts RMS
Electrical Specifications
L Code
R10 R12 R15 R18 R22 R27 R33 R39 R47 R56 R68 R82 1R0 1R2 1R5 1R8 2R2 2R7 3R3 3R9 4R7 5R6 6R8 8R2 100
L (H)
0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.00 1.20 1.50 1.80 2.20 2.70 3.30 3.90 4.70 5.60 6.80 8.20 10.0
Q Min
40 40 38 35 33 33 30 30 30 30 28 28 25 25 28 30 30 37 45 45 45 50 50 55 55
Test Freq (MHz)
25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96
SRF Min (MHz)
680 640 600 550 510 430 410 365 330 300 275 250 230 150 140 125 115 100 90 80 75 65 60 55 50
RDC Max (Ohms)
0.08 0.09 0.10 0.12 0.14 0.16 0.22 0.30 0.35 0.50 0.60 0.85 1.00 0.18 0.22 0.30 0.40 0.55 0.85 1.00 1.20 1.80 2.00 2.70 3.70
IDC Max (mA)
1350 1270 1200 1105 1025 960 815 700 650 545 495 415 385 590 535 455 395 355 270 250 230 185 175 155 130
L Code
120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102
L (H)
12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100 120 150 180 220 270 330 390 470 560 680 820 1000
Q Min
45 40 50 50 50 45 45 45 45 50 50 50 30 30 30 30 30 30 30 30 30 30 30 30
Test Freq (MHz)
2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796
SRF Min (MHz)
40 30 30 25 20 24 22 20 18 15 14 13 12 11 10 9 8 7 6.5 6 5 4 3.8 3.4
RDC Max (Ohms)
2.70 2.80 3.10 3.30 3.50 3.40 3.60 4.50 5.70 6.70 7.30 8.00 13 15 17 31 25 28 35 42 46 60 65 72
IDC Max (mA)
155 150 145 140 135 130 125 110 100 92 88 81 66 61 57 62 47 45 40 36 35 30 29 28
Rev. 10/00
Specifications subject to change without notice.
TEL 949-366-8700
FAX 949-366-8707
WEB www.caliberelectronics.com


▲Up To Search▲   

 
Price & Availability of LAM-1025-R15J-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X